PART |
Description |
Maker |
M54HC166KT M54HC4066KT M54HC157KT M54HC237KT M54HC |
Rad-Hard 8-bit PISO Shift Register With Clear Rad-Hard Quad Bilateral Switch Rad-Hard Quad 2-Channel Multiplexer Rad-Hard 3-to-8 Line Decoder Latch Rad-Hard Hex Bus Buffer 3-State Rad-Hard 8 Bit Latch/Shift Register Rad-Hard Triple 3-Input NOR Gate Rad-Hard 3-to-8 Line Decoder Latch Inverter Rad-Hard Quad 2-Channel Multiplexer 3-State Rad-Hard Dual 2-to-4 Line Decoder/Demultiplexer Rad-Hard Octal Bus Buffer 3-State Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard 4-to-16 Line Decoder Latch Rad-Hard Dual D-Type Flip-Flop With Preset & Clear Rad-Hard 8-bit SIPO Shift Register Rad-Hard Hex Inverter Rad-Hard Octal D-Type Flip-Flop 3-State Rad-Hard Dual Retrigg. Monostable Multivibrator with Clear Rad-Hard Dual 4-Channel Multiplexer Rad-Hard 3-to-8 Line Decoder Inverter Rad-Hard Quad 2-Channel Multiplexer Inverter Rad-Hard Quad D-Type Flip-Flop With Clear Rad-Hard Quad 2-Input AND Gate Rad-Hard Dual J-K Flip-Flop With Preset & Clear Rad-Hard Hex Buffer/Converter Inverter Rad-Hard Synchronous Up/Down Binary Counter Rad-Hard Dual Binary Counter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input Schmitt NAND Gate Rad-Hard Quad 2-Input OR Gate
|
ST Microelectronics
|
RHRXH162373K-01Q RHRXH162373K-01V RHRXH162373K-02Q |
Rad hard low voltage CMOS 16-bit D-type latch (3-state) with 3.6V tolerant inputs and outputs
|
STMicroelectronics
|
RHRXHR162245K-01Q RHRXHR162245K-01V RHRXHR162245K- |
Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
|
STMicroelectronics
|
54VCXH16237411 |
Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
|
STMicroelectronics
|
BWR-12/335-D5A BWR-5/700-D5A BWR-5/700-D48A BWR-15 |
12V 7-10W, dual output DC/DC converter DC-DC Converter, (4.7 to 7.25) V to (-12|12) V Rad-hard 4 to 16 line decoder/latch Rad-hard 3 to 8 line decoder latch Rad-hard octal bus buffer with 3 state outputs (non inverted) 型DC - DC电压转换 Rad-hard 8-input NAND gate 型DC - DC电压转换 Rad-hard octal bus buffer with 3 state outputs (inverted) 型DC - DC电压转换
|
Datel, Inc. Air Cost Control RECOM Electronic GmbH Electronic Theatre Controls, Inc.
|
M65609ENBSP M65609E MMDJ-65609EV-40 MMDJ-65609EV-4 |
Rad Hard 3.3 Volt 128Kx8 Very Low Power CMOS SRAM From old datasheet system Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
|
ATMEL Corporation
|
AT60142E-DC15SMV AT60142E-DC15SSB AT60142E-DC20M A |
IND 3.3UH 0.2UH THIN-FILM SMD-0805 TR-7 NI/SN-PB RF SWITCH Rad Hard 512K x 8 Very Low Power CMOS SRAM 512K X 8 STANDARD SRAM, 15 ns, DFP36 Rad Hard 512K x 8 Very Low Power CMOS SRAM 512K X 8 STANDARD SRAM, 20 ns, DFP36
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AT697E-2H-E AT697E-2H-SV AT697E-KG-E AT697E-KG-MQ |
Rad-Hard 32 bit SPARC V8 Processor
|
ATMEL Corporation
|
M54HC85D M54HC85D1 M54HC85K M54HC85K1 M54HC8504 M5 |
RAD HARD 4-BIT MAGNITUDE COMPARATOR
|
STMicroelectronics
|
AT697F AT697F-2H-E AT697F-KG-E |
Rad-Hard 32 bit SPARC V8 Processor
|
ATMEL Corporation
|